Part Number Hot Search : 
P1011 2N5551 BCX56 0AA61 SHD12 1N3322 42S16 UPD3798
Product Description
Full Text Search
 

To Download 6CWQ04FNPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21057 rev. B 07/06
6CWQ04FNPBF
SCHOTTKY RECTIFIER 7 Amp
IF(AV) = 7Amp VR = 40V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 3 Apk, T J = 125C (per leg) range
Description/ Features Units
A V A V The 6CWQ04FNPBF surface mount, center tap, Schottky rectifier series has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Center tap configuration Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
7 40 500 0.49
- 40 to 150
C
Case Styles
Base Common Cathode
4
2 Common 1 Cathode
3
Anode
Anode
D-PAK (TO-252AA)
www.irf.com
1
6CWQ04FNPBF
Bulletin PD-21057 rev. B 07/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
6CWQ04FNPBF
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Leg) Current * See Fig. 5 IFSM EAS IAR (Per Device) Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repet. Avalan. Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
6CWQ... Units
3.5 7 500 80 8.0 1.0 A mJ A A
Conditions
50% duty cycle @ TC = 135C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
TJ = 25 C, IAS = 1 Amp, L = 16 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
6CWQ... Units
0.53 0.67 0.49 0.62 2 24 0.34 37.33 189 5.0 10000 V V V V mA mA V
m
Conditions
@ 3A @ 6A @ 3A @ 6A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typ. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH V/s
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range
6CWQ... Units
-40 to 150 -40 to 150 4.70 2.35 0.3 (0.01) g (oz.) D-Pak 6CWQ04FN C C
Conditions
RthJC Max. Thermal Resistance (Per Leg) Junction to Case wt Approximate Weight Case Style Marking Device
(*) dPtot dTj < 1 Rth( j-a)
C/W DC operation
* See Fig. 4
(Per Device)
Similar to TO-252AA
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
6CWQ04FNPBF
Bulletin PD-21057 rev. B 07/06
100
100 TJ= 150C Reverse Current - I R (mA) 10 125C 100C 75C 0.1 50C
1
Instantaneous Forward Current - I F (A)
0.01
25C
0.001
10
0
5
10
15
20
25
30
35
40
Revers Voltage - V R (V) e
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
TJ= 150C TJ= 125C TJ= 25C
1000 Junction Capacitance - C T (pF )
TJ= 25C
100
1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
10
0
5
10
15 20
25
30 35 40
45
F orward Voltage Drop - V FM (V)
Reverse Voltage - V R(V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
t1 Notes: S ingle Pulse (T hermal R esista nce) 0.1 0.00001 0.0001 0.001 0.01 t2
1. Duty factor D = t 1/ t 2 2. Pea k T = PDM x Z thJC+ TC J 0.1 1
t 1 , Rectangular Pulse Dura tion (S econds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
6CWQ04FNPBF
Bulletin PD-21057 rev. B 07/06
155 Allowable Case T emperature - (C) 150 145 140 135 130 125 120 115 110
see note (2)
3 Average Power Loss - (Watts) 2.5 2 1.5 1 0.5 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMSLimit DC
DC
S quare wave (D = 0.50) 80% Rated V Rapplied
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Average Forward Current - I F(AV) (A)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-R epetitive S urge Current - I FS (A) M
100
At Any R ted L a oad Cond ition And With R ated V RRM Applied Following S urge 10 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); I R @ VR1 = 80% rated VR
4
www.irf.com
6CWQ04FNPBF
Bulletin PD-21057 rev. B 07/06
Outline Table
Modified JEDEC outline TO-252AA Dimensions in millimeters and (inches)
Part Marking Information
THIS IS A 6CWQ04FN INTERNATIONAL RECTIFIER LOT CODE 8024 LOGO ASSEMBLED ON WW 02, 2000 ASSEMBLY LOT CODE
PART NUMBER
6CWQ04FN
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 02 X = SITE ID
www.irf.com
5
6CWQ04FNPBF
Bulletin PD-21057 rev. B 07/06
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
6
www.irf.com
6CWQ04FNPBF
Bulletin PD-21057 rev. B 07/06
Ordering Information Table
Device Code
6
1 1 2 3 4 4 5 6 7
C
2 -
W
3
Q
4
04
5
FN TRL PbF
6 7 8
Current Rating (7A) Center Tap ConfigurationPackage Identifier W = D-Pak Schottky "Q" Series Voltage Rating (04 = 40V) FN = TO-252AA (D-Pak) none = Tube (50 pieces) TR = Tape & Reel TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for AEC Q101 Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 6CWQ04FNPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X